Part Number Hot Search : 
2SB628 PSMN1R F1001 12000 G2319 SH7055SF 1812F CY7C15
Product Description
Full Text Search
 

To Download 2SK3602-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3602-01
FUJI POWER MOSFET
200304
Super FAP-G Series
Features
High speed switching Low on-resistance No secondary breadown Low driving power Avalanche-proof
N-CHANNEL SILICON POWER MOSFET
Outline Drawings (mm)
TO-220AB
Applications
Switching regulators UPS (Uninterruptible Power Supply) DC-DC converters
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25C unless otherwise specified)
Item Drain-source voltage Continuous drain current Pulsed drain current Gate-source voltage Non-repetitive Avalanche current Maximum Avalanche Energy Maximum Drain-Source dV/dt Peak Diode Recovery dV/dt Max. power dissipation Operating and storage temperature range Symbol VDS VDSX *5 ID ID(puls] VGS IAS *2 EAS *1 dVDS/dt *4 dV/dt *3 PD Ta=25C Tc=25C Tch Tstg Ratings 150 120 23 92 30 23 130.9 20 5 2.02 105 +150 -55 to +150 Unit V V A A V A mJ kV/s kV/s W C C
Equivalent circuit schematic
Drain(D)
Gate(G) Source(S)
*1 L=363H, Vcc=48V, Tch=25C, See to Avalanche Energy Graph *2 Tch < 150C = *3 IF< -ID, -di/dt=50A/s, Vcc < BVDSS, Tch < 150C *4 VDS < 150V *5 VGS=-30V = = = =
Electrical characteristics (Tc =25C unless otherwise specified)
Item Drain-source breakdown voltaget Gate threshold voltage Zero gate voltage drain current Gate-source leakage current Drain-source on-state resistance Forward transcondutance Input capacitance Output capacitance Reverse transfer capacitance Turn-on time ton Turn-off time toff Total Gate Charge Gate-Source Charge Gate-Drain Charge Avalanche capability Diode forward on-voltage Reverse recovery time Reverse recovery charge Symbol V(BR)DSS VGS(th) IDSS IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD IAV VSD trr Qrr Test Conditions ID= 250A VGS=0V ID= 250A VDS=VGS VDS=150V VGS=0V VDS=120V VGS=0V VGS=30V VDS=0V ID=8A VGS=10V ID=8A VDS=25V VDS=75V VGS=0V f=1MHz VCC=48V ID=8A VGS=10V RGS=10 VCC=75V ID=16A VGS=10V L=363H Tch=25C IF=16A VGS=0V Tch=25C IF=16A VGS=0V -di/dt=100A/s Tch=25C Tch=25C Tch=125C 10 79 12 760 130 6 12 2.8 22 6.2 21 9 6 1.10 0.13 0.59
Min.
150 3.0
Typ.
Max.
5.0 25 250 100 105 1140 195 9 18 4.2 33 9.3 31.5 13.5 9 1.65
Units
V V A nA m S pF
6
ns
nC
23
A V s C
Thermalcharacteristics
Item Thermal resistance Symbol Rth(ch-c) Rth(ch-a) Test Conditions channel to case channel to ambient
Min.
Typ.
Max.
1.191 62.0
Units
C/W C/W
www.fujielectric.co.jp/denshi/scd
1
2SK3602-01
Characteristics
Allowable Power Dissipation PD=f(Tc)
FUJI POWER MOSFET
120
400
Maximum Avalanche Energy vs. starting Tch E(AS)=f(starting Tch):Vcc=48V
IAS=9A
350 100 300 80 250
EAS [mJ]
IAS=14A 200
PD [W]
60
150
40 100 20 50
IAS=23A
0 0 25 50 75 100 125 150
0 0 25 50 75 100 125 150
Tc [C]
starting Tch [C]
Typical Output Characteristics
ID=f(VDS):80s Pulse test,Tch=25C
60 100
Typical Transfer Characteristic
ID=f(VGS):80s Pulse test, VDS=25V,Tch=25C
50 20V 10V 8V
40
10
ID [A]
30
7.5V 7.0V
ID[A]
1 0.1 12 0 1 2 3 4 5 6 7 8 9 10 10
20 6.5V 10 6.0V VGS=5.5V 0 0 2 4 6 8
VDS [V]
VGS[V]
Typical Transconductance
gfs=f(ID):80s Pulse test, VDS=25V,Tch=25C
100 0.30
Typical Drain-Source on-state Resistance
RDS(on)=f(ID):80s Pulse test, Tch=25C
VGS= 5.5V 6.0V 6.5V 7.0V 7.5V
0.25
8V
RDS(on) [ ]
10
0.20 10V 0.15
gfs [S]
1
0.10
20V
0.05
0.1 0.1
0.00 1 10 100
0 10 20 30 40
ID [A]
ID [A]
2
2SK3602-01
FUJI POWER MOSFET
Drain-Source On-state Resistance RDS(on)=f(Tch):ID=8A,VGS=10V
300 7.0 6.5 250 6.0 5.5 5.0
Gate Threshold Voltage vs. Tch VGS(th)=f(Tch):VDS=VGS,ID=250 A
max.
RDS(on) [ m ]
200
VGS(th) [V]
4.5 4.0 3.5 3.0 2.5 min.
150 max. 100 typ. 50
2.0 1.5 1.0 0.5
0 -50 -25 0 25 50 75 100 125 150
0.0 -50 -25 0 25 50 75 100 125 150
Tch [C]
Tch [C]
Typical Gate Charge Characteristics
VGS=f(Qg):ID=16A, Tch=25C
14 10
0
Typical Capacitance C=f(VDS):VGS=0V,f=1MHz
12 10 10
-1
Ciss
VGS [V]
8
6 4
Vcc= 75V 10
-2
C [nF]
Coss
Crss 2 0 0 10 20 30 40
-3
10
10
-1
10
0
10
1
10
2
Qg [nC]
VDS [V]
Typical Forward Characteristics of Reverse Diode
IF=f(VSD):80s Pulse test,Tch=25C
100 10
3
Typical Switching Characteristics vs. ID
t=f(ID):Vcc=48V, VGS=10V, RG=10
tf 10 10
2
IF [A]
t [ns]
td(off) td(on)
1
10
1
tr
0.1 0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
10
0
10
-1
10
0
10
1
10
2
VSD [V]
ID [A]
3
2SK3602-01
Maximum Avalanche Current Pulsewidth IAV=f(tAV):starting Tch=25C,Vcc=48V
FUJI POWER MOSFET
10
2
Avalanche Current I AV [A]
Single Pulse 10
1
10
0
10
-1
10 -8 10
-2
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
tAV [sec]
10
1
Maximum Transient Thermal Impedance Zth(ch-c)=f(t):D=0
10
0
Zth(ch-c) [C/W]
10
-1
10
-2
10
-3
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
t [sec]
http:www.fujielectric.co.jp/denshi/scd/
4


▲Up To Search▲   

 
Price & Availability of 2SK3602-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X